wall plug - ins web: www.triadmagnetics.com phone 951-277-0757 fax 951-277-2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 WDU6-1200 electrical specifications (@25c) 1. primary rating: 120v 60hz 15w 2. primary excitation current: 65ma max 3. secondary rating: 6vdc 5%, 1200madc 4. secondary no-load rating: 11.30vdc ref. 5. output ripple voltage: 1100mv max 6. operating temperature range: -10 deg c to +40 deg c 7. temperature rise: 75 deg c max at rated load 50 deg c max on enclosure surface mechanical parameters: case type: thermoplastic molded enclosure. output cord: 22 awg, 6 ft. long min. agency file: ul/cul: file e245587, ul 1310 a. dimension: b. schematic: technical note: 1. inside (tip)-positive (+), outside-negative (-) u.s. doe compliance per sec. 301 of eisa 2007: as of july 1, 2008, this product is intended for use as follows: 1. requires federal food and drug administration listing and approval as a medical device in accordance with section 513 of the federal food, drug, and cosmetic act (21 u.s.c. 360c) 2. powers the charger of a detachable battery pack or charges the battery of a product that is fully or primarily motor operated. 3. as a service part or a spare part for an end-use product manufactured before july 1, 2008, that constitutes the primary load of this power supply. rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. * upon printing, this document is considered ?uncontrolled?. please contact triad magnetics? website for the most current version. h w d 70 50 41
|